Part Number Hot Search : 
IDD06E60 R20100 PC925L 6N60C S1503 TS1004 ILC7081 PJ1MPXX
Product Description
Full Text Search
 

To Download CMM1331-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMM1331-SM
QRNW@*@QSNU@gh QNU@w@p*@a"-'OEOE
mOE"OEY@b*..."L@i"N@QPWYU@r*`'@rNL@h*TM*"L@tYTM@WWPYY t'Z@RXQNYXXNTVPP@@fYZ@RXQNYXXNTVQU@@N"OE"OEY...*..."N*" RPPU@mOE"OEY@b*..."L@i"N
CMM1331-SM
Advanced Product Specifications October 2003 (1 of 2)
12.70 to 13.50 GHz 1.5 Watt Power Amplifier
Pin Functional Diagram
CMM1331-SM
Features 32.0 dBm (Typ.) Saturated Output Power 32.0 dB (Typ.) Linear Gain Fully Matched Unconditionally Stable Low-Cost Surface Mount Package Optimum Thermal Dissipation Applications Ku-Band VSAT Transmit Subsystems
Vdd 1 GROUND 2 RF IN 3 GROUND 4 Vgg 5
10 Vdd 9 GROUND 8 RF OUT 7 GROUND 6 Vgg
Description
The CMM1331-SM is a four-stage pHEMT GaAs MMIC power amplifier that is ideally suited for transmit subsystems designed for Ku-Band VSAT applications. The CMM1331-SM provides 32.0 dB linear gain and delivers 1.5 watts of output power at saturation operating from 12.70 to 13.50 GHz frequency. The unconditional stability and internal matching provides for reduction of external components making this product a simple and low-cost solution. The low-cost, 6mm x 6mm x 1.6mm surface mount package offers the same excellent RF and thermal properties as a typical flange package.
Electrical Characteristics (T = +25C, Vdd = 7V, Idq = 770mA)
Parameter Condition Min Typ Max Units
Frequency Range Output Power Saturated Output Power Output Power Variation Linear Gain Linear Gain Variation Third Order Intercept Point Input Reflection Coefficient Output Reflection Coefficient Gate Supply Voltage Drain Current Power Added Efficiency
@ 1dB compression Pout at Pin = 5.0 dBm Over operating frequency Over operating frequency
12.70 30.0 31.0 29.0
13.50 31.0 32.0 1.0 32.0 36.0 -10.0 -7.0 -0.9 900 26
1.5 35.0 2.0
Idq = 770 mA At Saturation At Saturation
-1.1 22
-0.7 980
GHz dBm dBm dBm dB dB dBm dB dB Volt mA %
Electrical Specifications (TA = -40C to +75C)
Parameter Condition Min Typ Max Units
Saturated Output Power Linear Gain Stability
Variation from Room Temperature Variation from Room Temperature
-0.5 -2.5 3.5 Unconditionally stable
dBm dB
Maximum Ratings (TA = -40C to +75C) Operation outside these limits can cause permanent damage.
Parameter Typ Units Parameter Typ Units
Drain Voltage (+Vdd) Gate Voltage (Vgg) Quiescent Current (Idq) Gate Current (Ig) 3236 Scott Boulevard
8.5 -3.0 1000 5
Volts Volts mA mA
RF Input Power (Pin) Dissipated Power (Pdiss) Storage Temperature Operating Backside Temperature Phone: (408) 986-5060
7.0 7.2 -50 to +150 -40 to +75
dBm Watts C C
Santa Clara, California 95054
Fax: (408) 986-5095
CMM1331-SM
Physical Dimensions (Bottom View)
Advanced Product Specifications - October 2003
(2 of 2)
Recommended Application Circuit
Note: This schematic represents the topology of the application circuit recommended by Celeritek.
Vdd 0.1 F CMM1331-SM 1 50 RF IN 2 3 4 Vgg 0.1 F 5 10 9 8 6 7 0.1 F Vgg 50 RF OUT 0.1 F Vdd
Note: Due to the high gain of this device it is highly recommended to maintain the reverse isolation (S12) above 50 dB. Biasing Notes 1. Dual bias is required 2. 0.1F bypass capacitors are needed on PC board as close as possible to pins 1, 5, 6 and 10. 3. Positive (+) bias can be applied either at pin 1 or pin 6. 4. Negative (-) bias can be applied either at pin 5 or pin 6. 5. No DC block is required at RF IN/OUT. 6. Negative (-) bias must be applied before applying positive (+) bias.
Ordering Information
The CMM1331-SM is available in available in tube or tape and reel. Package Part Number for Ordering CMM1331-SM Surface mount package
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Celeritek does not convey any license under its patent rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
3236 Scott Boulevard, Santa Clara, California 95054 Phone: (408) 986-5060 Fax: (408) 986-5095


▲Up To Search▲   

 
Price & Availability of CMM1331-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X